Part Number Hot Search : 
MAX6192B HCT1G 74HCT EC100 EC100 FQA40N25 A7303 LTC34
Product Description
Full Text Search
 

To Download SW-415-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-415-PIN
Matched GaAs SP4T Switch, DC - 2 GHz
Features
* * * * * Low Insertion Loss Fast Switching Speed, 200 ns Typical Low DC Power Consumption Integral CMOS Decoder/Driver 50 Ohm Nominal Impedance Rev. V3
Functional Block Diagram
Ordering Information
Part Number
SW-415-PIN
Package
FP-25
Truth Table
Control Inputs "1" = Logic High (CMOS) CMOS 2
0
Condition of Switch RF Common to Each RF Port RF1
ON OFF OFF OFF
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
CMOS 1
0 1 0 1
RF2
OFF ON OFF OFF
RF3
OFF OFF ON OFF
RF4
OFF OFF OFF ON
Absolute Maximum Ratings 3
Parameter
Max Input Power 0.05 GHz 0.5 - 2.0 GHz Control Voltage Operating Temperature Storage Temperature Absolute Maximum
0 1 1
+24 dBm +30 dBm +5V, -8.5V -55C to +125C -65C to +150C
3. Operation of this device above any one of these parameters may cause permanent damage.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-415-PIN
Matched GaAs SP4T Switch, DC - 2 GHz
Electrical Specifications: TA = -55C to +85C 1
Parameter Test Conditions Frequency Units Min Typ Max
Rev. V3
Insertion Loss
--
DC - 2.0 GHz DC - 1.0 GHz DC - 0.5 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 0.5 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 0.5 GHz -- -- -- 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz -- -- -- --
dB dB dB Ratio Ratio Ratio dB dB dB nS nS mV dBm dBm dBm dBm dBm dBm mA mA A A
-- -- -- -- -- -- 37 43 45 -- -- -- -- -- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- 50 200 15 +27 +17 +60 +45 +46 +35 -- -- -- --
1.8 1.5 1.2 1.8:1 1.8:1 1.4:1 -- -- -- -- -- -- -- -- -- -- -- -- 5 1 1 1
VSWR
--
Isolation
--
Trise, Tfall Ton, Toff Transients 1 dB Compression
10% to 90% RF 50% CTL to 90/10% RF In-band Input Power
IP2
For two tone input power up to +5 dBm
IP3
For two tone input power up to +5 dBm
Bias Power
-5 VDC +5 VDC 0.0 to 1.5V 3.5 to 5.0V
Vin Low (0) Vin High (1)
1. All specifications apply with 50 ohm impedance at all RF Ports. 2. Contact the factory for standard or customer screening requirements.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-415-PIN
Matched GaAs SP4T Switch, DC - 2 GHz
Typical Performance Curves
Insertion Loss Isolation
Rev. V3
2.5
80
Insertion Loss (dB)
2.0
70
1.5
Isolation (dB)
0.50 1.00 1.50 2.00
60
1.0
50
0.5
40
0.0 0.000
30 0 .0 0 0
0 .50
1.0 0
1.50
2 .0 0
F re que nc y ( M H z)
F re q u e n c y ( M H z )
VSWR
Functional Schematic (Top View)
O n St at e 2 .0
O f f St at e
RF2
RF1
1.8
+5V CMOS 2 RF Common
VSWR
1.6
CMOS 1 -5V
1.4
1.2
RF3
RF4
1.0 0 .0 0 0
0 .50
1.0 0
1.50
2 .0 0
F re que nc y ( M H z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-415-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X